PART |
Description |
Maker |
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
0454.750MR 0452.375MRL 0452.375NRL 045202.5NRL 045 |
Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series Surface Mount Fuses Surface Mount Fuses Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series The NANO2 Slo-Blo? fuse has enhanced inrush withstand characteristics over the NANO2 Fast-Acting fuse. Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Littelfuse
|
MF-USMF005-2 MF-USMF010-2 MF-USMF175X MF-USMF075 |
FUSE RESETTABLE .05A 30V HLD SMD RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT FUSE RESETTABLE .10A 30V HLD SMD RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT MF-USMF Series - PTC Resettable Fuses PC motherboards Digital cameras
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
20302.5 203 203.250 203.500 203.750 203001 203002 |
MB 39C 37#20 2#16 SKT RECP Surface Mount Fuses - Subminiature Surface Mount & Dip Types Surface Mount Fuse - Subminiature Surface Mount & Dip Types
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
NFSC06502ABTPF NFSC06501ABTPF NFSC06402ABTPF NFSC0 |
Surface Mount Fuse
|
NIC-Components Corp.
|
OMF-250 |
Surface Mount Fuse
|
Schurter
|
0451.125NR 0451.100NRL 0451.160MRL 0451.160NRL 045 |
Surface Mount Fuses NANO2? > Very Fast-Acting > 451/453 Series Wire-in-Air (WIA) square shape surface mount fuse 451/453 Series Fuse Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series Surface Mount Fuses NANO2? > Very Fast-Acting > 451/453 Series Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series Surface Mount Fuses Surface Mount Fuses Surface Mount Fuses NANO2? > Very Fast-Acting > 451/453 Series
|
Littelfuse
|
1206SFH200F_24 1206SFH150F_24 1206SFH100F_24 1206S |
Surface Mount Fuse High Current
|
Tyco Electronics
|
C1Q12 |
Surface Mount Very Fast-Acting Chip Fuse
|
Bel Fuse Inc.
|
SMP1.25 SMP |
SURFACE MOUNT POWER CROSS PROTECTION FUSE
|
Bel Fuse Inc.
|